PART |
Description |
Maker |
STM6821ZJWY6F STM6822ZJWY6E STM6322ZJWY6F STM6824Z |
5-pin Supervisor with watchdog timer and push-button reset 5引脚看门狗定时器和按钮复位监
|
STMicroelectronics N.V.
|
ADM693A ADM691A ADM693AARN ADM693AAN ADM693AARW AD |
P Supervisor , Adjustable Reset and Watchdog Periods P Supervisor with Backup Battery Switchover, Watchdog Feature, Power Fail Warning, 4.4V Threshold Voltage, 250mA Output Current P Supervisor with Backup Battery Switchover, Adjustable Reset and Watchdog Periods, Chip Enable Signals, 4.65V Threshold Voltage, Watchdog, Battery Backup and Low Vcc Status O/Ps and 250mA Output Current P Supervisor with Backup Battery Switchover, 50 ms Nominal Adjustable Reset Period, Adjustable Watchdog Period, Chip Enable Signals, 4.65V Threshold Voltage, Watchdog, Backup Battery and Low Vcc Status O/Ps and 100mA Output Current Microprocessor Supervisory Circuits
|
Analog Devices http://
|
ADM8692ARN ADM8692 ADM8692AN ADM8693 ADM8693ARW AD |
Microprocessor Supervisory Circuits uP Supervisory Circuit 8-Pin DIP µP Supervisor with Backup Battery Switchover 200ms Nominal Adjustable Reset Period Adjustable Watchdog Period Chip Enable ...
|
Analog Devices
|
ASM161SEUS ASM161_162_V1.0 ASM162TEUS_T ASM161 ASM |
3.08 V, mP supervisor circuit 4.00 V, mP supervisor circuit 2.93 V, mP supervisor circuit uP Supervisory Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 From old datasheet system CPU Supervisors with POR, Edge Triggered MR 4.63 V, mP supervisor circuit 4.38 V, mP supervisor circuit
|
Alliance Semiconductor ... Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
TC70 TC70COA TC70CPA TC70EOA TC70EPA TC71COA TC71C |
MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
|
TelCom Semiconductor, Inc. TELCOM[TelCom Semiconductor, Inc]
|
MAX823REXK MAX825REXK MAX825MEXK MAX824LEUK MAX824 |
Voltage Supervisor with Watchdog Timer and Manual Reset Voltage Supervisor with Watchdog Timer and Manual Reset
|
Micrel Semiconductor
|
ISL88708 ISL88716 ISL88706 ISL88705 ISL88705IB846Z |
UP Supervisor with Watchdog Timer,Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset 与看门狗定时器,电源故障比较器,手动复位和可调电源监控复位, GT 14C 14#16 SKT RECP BOX 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 PTB 32C 32#20 PIN/SKT RECP SPST, Snap-in Pushbuttons
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ADM8692 ADM8693 ADM8694 ADM8695 ADM8695ARW-REEL AD |
Linear 1-cell Li-Ion Battery Charger w/Integrated FET, One LED 20-HTSSOP -20 to 70 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP16 bqTINY-II Dual Input USB/AC Adpater 1-Cell Li-Ion Charger w/Charge Enable & Temp Sense in QFN-10 10-SON -40 to 125 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP16 Thyristor Module; Current, It av:250A; Repetitive Reverse Voltage Max, Vrrm:1600V; Peak Surge Current:8800A; di/dt:800A/ s; Package/Case:ND44; Peak Reflow Compatible (260 C):Yes; Current Rating:250A Microprocessor Supervisory Circuits bqTINY(TM) Linear 1-cell Li-Ion Charger w/ 1-A FET, AC Present and Temp Sense in QFN-10 10-SON -40 to 85 bqTINY(TM) Linear 1-cell Li-Ion Charger w/ 1-A FET, AC Present & Charge Enable in QFN-10 10-SON -40 to 85 µP Supervisor with Backup Battery Switchover, 200ms Nominal Adjustable Reset Period, Adjustable Watchdog Period, Chip Enable ... P Supervisor with Backup Battery Switchover, 200ms Nominal Adjustable Reset Period, Adjustable Watchdog Period, Chip Enable Signals, 4.65V Threshold Voltage, Watchdog, Backup Battery and Low Vcc Status O/Ps. Upgrade for ADM695 P Supervisor with Backup Battery Switchover, Watchdog Feature, Power Fail Warning, 4.65V Threshold Voltage, Active Low Reset and 100mA Output Current. Upgrade for ADM692 with Reduced Power Consumption P Supervisor with Backup Battery Switchover, Watchdog Feature, Power Fail Warning, 4.4V Threshold Voltage, 100mA Output Current. Upgrade for ADM693 with Reduced Power Consumption and Faster Gating of Chip Enable Signals P Supervisor , Watchdog Feature, Power Fail Warning
|
Analog Devices, Inc.
|
2SB1205 2SB1205R 2SB1205S 2SB1205T |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 5A I(C) | TO-252 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Strobe High-Current Switching Applications
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|
EP6700-1 EP6700-10 EP6700-11 EP6700-12 EP6700-14 E |
14 Pin Single-in-Line Package Passive Delay Lines CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-MSOP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-MSOP CPU Supervisor with NOVRAM and Output Ports; Temperature Range: -40°C to 85°C; Package: 20-TSSOP RTC Module With CPU Supervisor
|
PCA ELECTRONICS INC.
|
2SA1550 2SA1550P 2SA1550Q |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 400V V(BR)CEO | 500MA I(C) | TO-221VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Panasonic Industrial Solutions DB Lectro, Inc.
|